Part Number Hot Search : 
F101A 28F80 SC5343 B99013 MAX274 FQPF6N50 28F64 RU3JG
Product Description
Full Text Search
 

To Download AB-065B40-12V0-B1G-0 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 A - B RI G H T
A-BRIGHT INDUSTRIAL CO., LTD.
MULTI LAMPS LED BULB
Data Sheet
Description: These multi lamps LED Bulbs are specifically designed for flashlight electric equipment, indicator light switch and where a wide view angle. The 5 mm round shaped radiation pattern (15) and high luminous intensity ensure that these devices are excellent for wide field of view outdoor applications where a wide viewing angle and readability in sunlight are essential.
Feature: Wide view angle High efficiency LED High luminous output materials are used in this Seven kind color Bulb. Every lamp is made with an Solid-state Vibration advanced optical grade resistant Saving power epoxy offering superior Long life high shock and high temperature resistance in outdoor applications. Option: 6V to 240V AC or DC Other industry standard base
A-BRIGHT
A-BRIGHT INDUSTRIAL CO.,LTD.
A-BRIGHT 1
11/1/2006
A - B RI G H T
PACKAGE DIMENSIONS:
A-BRIGHT INDUSTRIAL CO., LTD.
Multi Lamps LED Bulb
Part No.: AB-065B40-12V0-B1G-0
NOTE:
1.All dimensions are in millimeter. 2.Bulb base : BA15S. 3.All tolerance are 0.5mm.
A-BRIGHT 2
11/1/2006
A - B RI G H T
FEATURE:
A-BRIGHT INDUSTRIAL CO., LTD.
Multi Lamps LED Bulb
Part No.: AB-065B40-12V0-B1G-0
SUPER LUMINOSITY BLUE LED (InGaN). WATER CLEAR PACKAGE. 5mm ALL RESIN MOLD. WIDE VIEWING ANGLE. BASE MODEL BA15S. ELECTRIC AC/DC BI-POLAR.
ABSOLUTE MAXIMUM RATING:
Ta = 25 14 V 25 TO 85 35 TO 100 200000 HOURS (LUMINANCE REDUCES to 50%)
PEAK OPERATE VOLTAGE........................ OPERATING TEMPERATURE...................... STORAGE TEMPERATURE......................... LED BULB LIFE......................................
ABSOLUTE OPTICAL CHARACTERISTIC
PARAMETER Operate Voltage Luminous Intensity Dominant Wavelength Spectrum Radiation Bandwidth Forward Current Viewing Angle
(Ta= 25)
SYMBOL MIN TYP 12 18 470 20 30 15 MAX 14 --------------------UNIT V cd nm nm mA deg
IF= 30 mA IF= 30 mA IF= 30 mA VIN=12 V DC
V IV d IF
21/2
----12 -----------------
A-BRIGHT 3
11/1/2006


▲Up To Search▲   

 
Price & Availability of AB-065B40-12V0-B1G-0

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X